Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO T64F-CBEB-24-1 Datasheet (PDF) - ams-OSRAM AG

LO T64F-CBEB-24-1 Datasheet PDF - ams-OSRAM AG
Part # LO T64F-CBEB-24-1
Download  LO T64F-CBEB-24-1 Download
File Size   2540.72 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED Black

LO T64F-CBEB-24-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LO T64F-CBEB-24-1 Datasheet PDF - ams-OSRAM AG

Part # LO T64F-CBEB-24-1
Download  LO T64F-CBEB-24-1 Click to download

File Size   2540.72 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED Black

LO T64F-CBEB-24-1 Datasheet (HTML) - ams-OSRAM AG


LO T64F-CBEB-24-1 Product details

Features:
• Package: black PLCC-2 package, colorless resin
• Technology: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 30°
• Color: orange (606 nm)
• Corrosion Robustness: Improved corrosion
robustness
Applications
• Information Displays
• Signaling
• Signal and Symbol Luminary
• Variable Message Signs (VMS)




Similar Part No. - LO T64F-CBEB-24-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LO T66F-BBCB-24-3A4B AMSOSRAM-LO T66F-BBCB-24-3A4B Datasheet
3Mb / 23P
TOPLED® Black
2024-12-13
LO T670-J1L2-24 AMSOSRAM-LO T670-J1L2-24 Datasheet
1Mb / 22P
TOPLED®
2019-07-16
LO T676-R1S2-24 AMSOSRAM-LO T676-R1S2-24 Datasheet
1Mb / 22P
TOPLED®
2022-03-08
LO T676-S1T1-24 AMSOSRAM-LO T676-S1T1-24 Datasheet
1Mb / 22P
TOPLED®
2022-03-08
LO T67D-U2AA-24-1 AMSOSRAM-LO T67D-U2AA-24-1 Datasheet
1Mb / 22P
TOPLED®
2019-07-15
More results


Similar Description - LO T64F-CBEB-24-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
TOPLED Black
LAT68B OSRAM-LAT68B Datasheet
523Kb / 20P
TOPLED Black Surface
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
TOPLED Black
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
TOPLED Black
LVT64G OSRAM-LVT64G Datasheet
2Mb / 24P
TOPLED Black
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
TOPLED
LCYTWTG OSRAM-LCYTWTG Datasheet
675Kb / 23P
TOPLED Black Surface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com